データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4513 データシート(PDF) 196 Page - Renesas Technology Corp

部品番号 4513
部品情報  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 データシート(HTML) 196 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 192Page - Renesas Technology Corp 4513 Datasheet HTML 193Page - Renesas Technology Corp 4513 Datasheet HTML 194Page - Renesas Technology Corp 4513 Datasheet HTML 195Page - Renesas Technology Corp 4513 Datasheet HTML 196Page - Renesas Technology Corp 4513 Datasheet HTML 197Page - Renesas Technology Corp 4513 Datasheet HTML 198Page - Renesas Technology Corp 4513 Datasheet HTML 199Page - Renesas Technology Corp 4513 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 210 page
background image
4513/4514 Group User’s Manual
APPENDIX
3-29
3.4 Notes on noise
<The main routine>
• Assigns a single word of RAM to a software
watchdog timer (SWDT) and writes the initial value
N in the SWDT once at each execution of the
main routine. The initial value N should satisfy
the following condition:
N+1
≥
As the main routine execution cycle may change
because of an interrupt processing or others, the
initial value N should have a margin.
• Watches the operation of the interrupt processing
routine by comparing the SWDT contents with
counts of interrupt processing after the initial value
N has been set.
• Detects that the interrupt processing routine has
failed and determines to branch to the program
initialization routine for recovery processing in the
following case:
If the SWDT contents do not change after interrupt
processing.
<The interrupt processing routine>
• Decrements the SWDT contents by 1 at each
interrupt processing.
• Determines that the main routine operates normally
when the SWDT contents are reset to the initial
value N at almost fixed cycles (at the fixed interrupt
processing count).
• Detects that the main routine has failed and
determines to branch to the program initialization
routine for recovery processing in the following
case:
If the SWDT contents are not initialized to the
initial value N but continued to decrement and if
they reach 0 or less.
Fig. 3.4.11 Watchdog timer by software
(Counts of interrupt processing executed in
each main routine)
Main routine
(SWDT)
← N
EI
Main processing
(SWDT)
Interrupt processing
routine errors
N
Interrupt processing routine
(SWDT)
← (SWDT)—1
Interrupt processing
(SWDT)
Main routine
errors
>0
≤0
RTI
Return
=N?
≤0?
≠N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More