| データシートサーチシステム |
|
TAS3218IPZP データシート(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3218IPZP データシート(HTML) 63 Page - Texas Instruments |
|
63 / 79 page ![]() Status Register (0x02) TAS3218 www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008 Table 24. Audio Data Format(1) DIGITAL AUDIO I/O FORMAT IM1/OM1 IM0/OM0 Left-justified 0 0 Right-justified 0 1 I2S 1 0 1 1 (1) Default values are shown in italics. Status register provide memory load information. When a memory load error for a particular memory occurs, the memory load error bit for that memory is set to 1. When a memory load is successful for a particular memory the memory load error bit for that memory is set to 0. Host needs to check this load status after memory load. Host can clear all load error status by writing 0 to bits D40D32 of this register. Table 25. SAP/Clock Setting BIT 63 62 61 60 59 58 57 56 DESCRIPTION 0 0 0 0 0 0 0 0 Reserved BIT 55 54 53 52 51 50 49 48 0 0 0 0 0 0 0 Reserved BIT 47 46 45 44 43 42 41 0 0 0 0 0 0 0 Unsused BIT 40 39 38 37 36 35 34 33 32 x x x x x x x x 1 Micro program memory load error x x x x x x x 1 x Micro external memory load error x x x x x x 1 x x DAP program memory load error x x x x x 1 x x x DAP coefficient memory load error x x x x 1 x x x x DAP data memory load error x x x 1 x x x x x DAP upper data memory load error DAP upper coefficient memory load x x 1 x x x x x x error x 1 x x x x x x x Invalid memory select 1 x x x x x x x x End of load header error 1 1 1 1 1 1 1 1 1 No EEPROM 0 0 0 0 0 0 0 0 0 No error BIT 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 Reserved BIT 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 Reserved BIT 15 14 13 12 11 10 9 8 0 Reserved BIT 7 6 5 4 3 2 1 0 0 Reserved ABSY Analog busy flag 0 Reserved 0 Reserved 0 Reserved 0 Reserved BUSE I2C bus error 0 Reserved Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 63 Product Folder Link(s): TAS3218 |