データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7383 データシート(PDF) 10 Page - STMicroelectronics

部品番号 TDA7383
部品情報  4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7383 データシート(HTML) 10 Page - STMicroelectronics

Back Button TDA7383 Datasheet HTML 4Page - STMicroelectronics TDA7383 Datasheet HTML 5Page - STMicroelectronics TDA7383 Datasheet HTML 6Page - STMicroelectronics TDA7383 Datasheet HTML 7Page - STMicroelectronics TDA7383 Datasheet HTML 8Page - STMicroelectronics TDA7383 Datasheet HTML 9Page - STMicroelectronics TDA7383 Datasheet HTML 10Page - STMicroelectronics TDA7383 Datasheet HTML 11Page - STMicroelectronics TDA7383 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
such as output R-C cells. Due to the high number
of channels involved, this translates into a very
remarkable components saving if compared to
similar devices on the market.
To simplify pc-board layout designs, each ampli-
fier stage has its own power ground externally ac-
cessible (pins 2,8,18,24) and one supply voltage
pin for each couple of them.
Even more important, this makes it possible to
achieve the highest possible degree of separation
among the channels, with remarkable benefits in
terms of cross-talk and distortion features.
About the layout grounding, it is particularly im-
portant to connect the AC-GND capacitor (C5)to
the signal GND, as close as possible to the audio
inputs ground: this will guarantee high rejection of
any common mode spurious signals.
The SVR capacitor (C6) has also to be connected
to the signal GND.
Supply filtering elements (C7,C8) have naturally
to be connected to the power-ground and located
as close as possible to the Vs pins.
Pin 1, which is mechanically attached to the de-
vice’s tab, needs to be tied to the cleanest power
ground point in the pc-board, which is generally
near the supply filtering capacitors.
TDA7383
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com