データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8218 データシート(PDF) 7 Page - STMicroelectronics

部品番号 TDA8218
部品情報  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8218 データシート(HTML) 7 Page - STMicroelectronics

  TDA8218 Datasheet HTML 1Page - STMicroelectronics TDA8218 Datasheet HTML 2Page - STMicroelectronics TDA8218 Datasheet HTML 3Page - STMicroelectronics TDA8218 Datasheet HTML 4Page - STMicroelectronics TDA8218 Datasheet HTML 5Page - STMicroelectronics TDA8218 Datasheet HTML 6Page - STMicroelectronics TDA8218 Datasheet HTML 7Page - STMicroelectronics TDA8218 Datasheet HTML 8Page - STMicroelectronics TDA8218 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vcc1
2
To frame amplifier
Frame
sync pulse
INPUT CURRENT
COMPENSATION
Figure 6 : Frame Oscillator
Vcc1
18
19
14
Line
Flyback
Input
Vcc1
RC
SSC
Output
RC
Network
Σ
Line
Flyback
Detection
Burst gate
pulse
generator
8
Frame
Blanking
Generator
Vcc1
R
C
BurstKey
Figure 7 : Super sandcastle generator
Line output (Pin 17)
It is an open-collector output. The output positive
pulse time is 28
µs for a 64µs period. The oscillator
thresholds are internally fixed by resistors. The
oscillator is synchronized during the last half free
run period. The input current during the charge of
the capacitor is less than 100nA.
Frame output amplifier
This amplifier is able to drive directly the frame
yoke. Its output is short circuit and overload pro-
tected; it contains also a thermal protection.
The line flyback detection is provided by a compa-
rator which compares the input line flyback pulse
to an internal reference. The burst gate pulse posi-
tion is fixed by the external RC network (pin 14). It
is referenced to the middle of the line flyback.
The frame blanking generator is a monostable with
external R.C. The start blanking pulse is triggered
by the falling edge of the frame saw-tooth (Pin 2).
The reset is provided by a comparator which com-
pares the capacitor voltage during its charge to an
internal threshold fixed by resistors.
The frame blanking time is defined by :
Tfb = 0.613
⋅ R.C.
This pulse is available on Super Sand Castle output
(Pin 19).
Remark : For compatability with TEA5640, frame
blanking time must be larger than 1.15ms with
centered value @ 1.35ms (R = 100k
Ω ± 1%,
C = 22nF
± 5%)
TDA8218
7/9



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com