データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8218 データシート(PDF) 5 Page - STMicroelectronics

部品番号 TDA8218
部品情報  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8218 データシート(HTML) 5 Page - STMicroelectronics

  TDA8218 Datasheet HTML 1Page - STMicroelectronics TDA8218 Datasheet HTML 2Page - STMicroelectronics TDA8218 Datasheet HTML 3Page - STMicroelectronics TDA8218 Datasheet HTML 4Page - STMicroelectronics TDA8218 Datasheet HTML 5Page - STMicroelectronics TDA8218 Datasheet HTML 6Page - STMicroelectronics TDA8218 Datasheet HTML 7Page - STMicroelectronics TDA8218 Datasheet HTML 8Page - STMicroelectronics TDA8218 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
The TDA8218 performs all the video and power
functions required to provide signals for the line
driver and frame yoke.
It contains:
A synchronization separator
An integrated frame separator without external
components
A saw-tooth generator for the frame
A power amplifier for direct drive of frame yoke
(short circuit protected)
An open collector output for the line driver
A line phase detector and a voltage control os-
cillator
A super sandcastle generator.
GENERAL DESCRIPTION
20
SL2
SL1
VR
Video
R1
R2
Figure 1 : Synchronization Separator Circuit
Vz
ST2
ST1
I
3I
SL1
Vz /2
Q3
Q4
Figure 2 : Frame Separator
The slice level of sync-separation is fixed by value of the external resistors R1 and R2. VR is an internally
fixed voltage.
The sync-pulse allows the discharge of the capaci-
tor by a 2 x I current. A line sync-pulse is not able
to discharge the capacitor under VZ/2. A frame
sync-pulse permits the complete discharge of the
capacitor, so during the frame sync-pulse Q3 and
Q4 provide current for the other parts of the circuit.
TDA8218
5/9



Html Pages

1 2 3 4 5 6 7 8 9