データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9522-5/PCBZ データシート(PDF) 3 Page - Analog Devices

部品番号 AD9522-5/PCBZ
部品情報  12 LVDS/24 CMOS Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9522-5/PCBZ データシート(HTML) 3 Page - Analog Devices

  AD9522-5/PCBZ Datasheet HTML 1Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 2Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 3Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 4Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 5Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 6Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 7Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 8Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
AD9522-5
Rev. 0 | Page 3 of 76
Data Transfer Format .............................................................47
 
I2C Serial Port Timing............................................................47
 
SPI Serial Port Operation...........................................................48
 
Pin Descriptions......................................................................48
 
SPI Mode Operation...............................................................48
 
Communication Cycle—Instruction Plus Data..................48
 
Write .........................................................................................48
 
Read ..........................................................................................48
 
SPI Instruction Word (16 Bits)..................................................49
 
SPI MSB/LSB First Transfers .....................................................49
 
EEPROM Operations......................................................................52
 
Writing to the EEPROM ............................................................52
 
Reading from the EEPROM ......................................................52
 
Programming the EEPROM Buffer Segment..........................52
 
Register Section Definition Group .......................................53
 
IO_UPDATE (Operational Code 0x80) ..............................53
 
End-of-Data (Operational Code 0xFF) ...............................53
 
Pseudo-End-of-Data (Operational Code 0xFE).................53
 
Thermal Performance.....................................................................54
 
Register Map ....................................................................................55
 
Register Map Descriptions.............................................................60
 
Applications Information...............................................................73
 
Frequency Planning Using the AD9522 ..................................73
 
Using the AD9522 Outputs for ADC Clock Applications ....73
 
LVDS Clock Distribution...........................................................73
 
CMOS Clock Distribution.........................................................74
 
Outline Dimensions........................................................................75
 
Ordering Guide ...........................................................................75
 
REVISION HISTORY
1
2/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76