| データシートサーチシステム |
|
AD9522-5/PCBZ データシート(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9522-5/PCBZ データシート(HTML) 51 Page - Analog Devices |
|
51 / 76 page ![]() AD9522-5 Rev. 0 | Page 51 of 76 CS SCLK SDIO tHIGH tLOW tCLK tS tDS tDH tC BIT N BIT N + 1 Figure 56. Serial Control Port Timing—Write Table 40. Serial Control Port Timing Parameter Description tDS Setup time between data and rising edge of SCLK tDH Hold time between data and rising edge of SCLK tCLK Period of the clock Setup time between the CS falling edge and SCLK rising edge (start of communication cycle) tS Setup time between SCLK rising edge and the CS rising edge (end of communication cycle) tC tHIGH Minimum period that SCLK should be in a logic high state tLOW Minimum period that SCLK should be in a logic low state tDV SCLK to valid SDIO and SDO (see Figure 54) |