| データシートサーチシステム |
|
TS5070FNTR データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS5070FNTR データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() Figure 1 shows a simplified diagram of the local echo path for a typical application with a trans- former interface. The magnitude and phase of the local echo signal, measured at VFXI, are a function of the termination impedance ZT, the line trans- former and the impedanceof the 2 W loop, ZL. If the impedance reflected back into the transformer pri- mary is expressed as ZL’ then the echo path trans- fer function from VFROto VFXIis : H(W) = ZL’ /(ZT +ZL’) (1) Figure 1: Simplified Diagram of Hybrid Balance Circuit PROGRAMMING THE FILTER On initial power-up the Hybrid Balance filter is dis- abled. Before the hybrid balance filter can be pro- grammed it is necessary to design the transformer and terminationimpedance in orderto meet system 2 W input return loss specifications, which are nor- mally measured against a fixed test impedance (600 or 900 Ω in most countries). Only then can the echo path be modeled and the hybrid balance filter programmed. Hybrid balancing is also measured against a fixed test impedance, specified by each national Telecom administration to provide ade- quate control of talker and listener echo over the majority of their network connections. This test im- pedance is ZL in figure 1. The echo signal and the degree of transhybrid loss obtained by the pro- grammable filter must be measured from the PCM digital input DR0, to the PCM digital output DX0, either by digital test signal analysis or by conversion back to analog by a PCM CODEC/Filter. Three registers must be programmed in COMBO IIG to fully configure the Hybrid Balance Filter as follows : Register 1: select/de-select Hybrid Balance Filter; invert/non-invert cancellation signal; select/de-select Hybal2 filter section; attenuatorsetting. Register 2: select/de-select Hybal1 filter; set Hybal1 to Bi-Quad or 1st order; program pole and zero frequency. Register 3 : program pole frequency in Hybal2 filter; program zero frequencyin Hybal2 filter; settings = Please refer to software TS5077-2. Standard filter design techniques may be used to model the echo path (see equation (1)) and design a matching hybrid balance filter configuration.Alter- natively, the frequency response of the echo path can be measured and the hybrid balance filter pro- grammed to replicate it. An Hybrid Balance filter design guide and soft- ware optimization program are available under li- cense from SGS-THOMSON Microelectronics (or- der TS5077-2). Bit Number Function 7 6 54 3 210 0 0 0 0 0 0 0 0 By Pass Hybal 1 Filter XXXXXX X X Pole/zero Setting Table 10: Hybrid Balance Register 2 Byte 2 in- structions TS5070 - TS5071 13/32 |