| データシートサーチシステム |
|
TS5070FNTR データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS5070FNTR データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 32 page ![]() APPLICATION INFORMATION Figure 2 shows a typical application of the TS5070 together with a transformer SLIC. The design of the transformer is greatly simplified due to the on-chip hybrid balance cancellation filter. Only one single secondary winding is required (see application note AN.091 - Designing a subscriber line card module using the TS5070/COMBO IIG). Figures 3 and 4 show an arrangement with SGS- Thomson monolithic SLICS. POWER SUPPLIES While the pins of the TS5070 and TS5071/COMBO IIG devices are well protected against electrical misuse, it is recommended that the standard CMOS practice of applying GND to the device be- fore any otherconnectionsare made shouldalways be followed.In applicationswhere the printedcircuit card may be plugged into a hot socket with power and clocks already present, an extra long ground pin on the connector should be used and a Schottky diode connected between VSS and GND. To mini- mize noise sources all ground connections to each device should meet at a common point as close as possible to the GND pin in order to prevent the in- teraction of ground return currents flowing through a common bus impedance. Power supply decou- pling capacitors of 0.1 µF shouldbe connectedfrom this common device ground point to VCC and VSS as closeto thedevice pins as possible. VCC and VSS should also be decoupled with low effective series resis-tance capacitorsof at least 10 µF locatednear the card edge connector. TS5070 - TS5071 14/32 |