データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS1302N+ データシート(PDF) 9 Page - Maxim Integrated Products

部品番号 DS1302N+
部品情報  Trickle-Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1302N+ データシート(HTML) 9 Page - Maxim Integrated Products

Back Button DS1302N+ Datasheet HTML 5Page - Maxim Integrated Products DS1302N+ Datasheet HTML 6Page - Maxim Integrated Products DS1302N+ Datasheet HTML 7Page - Maxim Integrated Products DS1302N+ Datasheet HTML 8Page - Maxim Integrated Products DS1302N+ Datasheet HTML 9Page - Maxim Integrated Products DS1302N+ Datasheet HTML 10Page - Maxim Integrated Products DS1302N+ Datasheet HTML 11Page - Maxim Integrated Products DS1302N+ Datasheet HTML 12Page - Maxim Integrated Products DS1302N+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS1302 Trickle-Charge Timekeeping Chip
9 of 13
Table 3. Register Address/Definition
RTC
READ
WRITE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RANGE
81h
80h
CH
10 Seconds
Seconds
00–59
83h
82h
10 Minutes
Minutes
00–59
10
85h
84h
12/
24
0
AM/PM
Hour
Hour
1–12/0–23
87h
86h
0
0
10 Date
Date
1–31
89h
88h
0
0
0
10
Month
Month
1–12
8Bh
8Ah
0
0
0
0
0
Day
1–7
8Dh
8Ch
10 Year
Year
00–99
8Fh
8Eh
WP
0
0
0
0
0
0
0
91h
90h
TCS
TCS
TCS
TCS
DS
DS
RS
RS
CLOCK BURST
BFh
BEh
RAM
C1h
C0h
00-FFh
C3h
C2h
00-FFh
C5h
C4h
00-FFh
.
.
.
.
.
.
.
.
.
FDh
FCh
00-FFh
RAM BURST
FFh
FEh
Figure 5. Programmable Trickle Charger
2K Ω
4k Ω
8k Ω
R1
R3
R2
V
CC2
V
CC1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
TRICKLE CHARGE REGISTER (90h write, 91h read)
1 0F 16 SELECT
NOTE: ONLY 1010b ENABLES CHARGER
1 OF 2
SELECT
1 OF 3
SELECT
TCS
0-3 = TRIC KLE C H AR G E R SELEC T
DS
0-1 = D IOD E SELEC T
ROUT
0-1 = RESISTO R SELE C T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com