データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS1302N+ データシート(PDF) 10 Page - Maxim Integrated Products

部品番号 DS1302N+
部品情報  Trickle-Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1302N+ データシート(HTML) 10 Page - Maxim Integrated Products

Back Button DS1302N+ Datasheet HTML 5Page - Maxim Integrated Products DS1302N+ Datasheet HTML 6Page - Maxim Integrated Products DS1302N+ Datasheet HTML 7Page - Maxim Integrated Products DS1302N+ Datasheet HTML 8Page - Maxim Integrated Products DS1302N+ Datasheet HTML 9Page - Maxim Integrated Products DS1302N+ Datasheet HTML 10Page - Maxim Integrated Products DS1302N+ Datasheet HTML 11Page - Maxim Integrated Products DS1302N+ Datasheet HTML 12Page - Maxim Integrated Products DS1302N+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS1302 Trickle-Charge Timekeeping Chip
10 of 13
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………………….-0.5Vto +7.0V
Operating Temperature Range, Commercial………………………………………………………………….0°C to +70°C
Operating Temperature Range, Industrial (IND)……………………………………………………………-40°C to +85°C
Storage Temperature Range……………………………………………………………………………..….-55°C to +125°C
Soldering Temperature (leads, 10 seconds)………………………………………………………………..………….260°C
Soldering Temperature (surface mount)………………………………………………..…….See IPC/JEDEC J-STD-020
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70°C or TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage VCC1, VCC2
VCC1,
VCC2
(Notes 2, 10)
2.0
3.3
5.5
V
Logic 1 Input
VIH
(Note 2)
2.0
VCC +
0.3
V
VCC = 2.0V
-0.3
+0.3
Logic 0 Input
VIL
VCC = 5V
(Note 2)
-0.3
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(TA = 0°C to +70°C or TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Notes 5, 13)
85
500
μA
I/O Leakage
ILO
(Notes 5, 13)
85
500
μA
Logic 1 Output (IOH = -0.4mA)
VCC = 2.0V
1.6
Logic 1 Output (IOH = -1.0mA)
VOH
VCC = 5V
(Note 2)
2.4
V
Logic 0 Output (IOL = 1.5mA)
VCC = 2.0V
0.4
Logic 0 Output (IOL = 4.0mA)
VOL
VCC = 5V
(Note 2)
0.4
V
VCC1 = 2.0V
0.4
Active Supply Current
(Oscillator Enabled)
ICC1A
VCC1 = 5V
CH = 0
(Notes 4, 11)
1.2
mA
VCC1 = 2.0V
0.2
0.3
Timekeeping Current
(Oscillator Enabled)
ICC1T
VCC1 = 5V
CH = 0
(Notes 3, 11,13)
0.45
1
μA
VCC1 = 2.0V
1
100
VCC1 = 5V
1
100
Standby Current (Oscillator
Disabled)
ICC1S
IND
CH = 1
(Notes 9, 11, 13)
5
200
nA
VCC2 = 2.0V
0.425
Active Supply Current
(Oscillator Enabled)
ICC2A
VCC2 = 5V
CH = 0
(Notes 4, 12)
1.28
mA
VCC2 = 2.0V
25.3
Timekeeping Current
(Oscillator Enabled)
ICC2T
VCC2 = 5V
CH = 0
(Notes 3, 12)
81
μA
VCC2 = 2.0V
CH = 1
(Notes 9, 12)
25
Standby Current (Oscillator
Disabled)
ICC2S
VCC2 = 5V
80
μA
R1
2
R2
4
Trickle-Charge Resistors
R3
8
k
Ω
Trickle-Charge Diode Voltage
Drop
VTD
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com