| データシートサーチシステム |
|
MPC5633MMLL60 データシート(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMLL60 データシート(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 38 3 Pinout and signal description This section contains the pinouts for all production packages for the MPC5634M family of devices. Please note the following: • Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or voltage may cause unpredictable device behavior or damage. • Pins labeled “NIC” have no internal connection. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 AN[11] / ANZ AN[9] / ANX VDDA VSSA AN[39] / AN[10] / ANY AN[38] / AN[8] / ANW VDDREG VRCCTL VSTBY VRC33 eTPU_A[31] / DSPI_C_PCS[4] / eTPU_A[13] / GPIO[145] eTPU_A[30] / DSPI_C_PCS[3] / eTPU_A[11] / GPIO[144] eTPU_A[29] / DSPI_C_PCS[2] / GPIO[143] eTPU_A[28] / DSPI_C_PCS[1] / GPIO[142] (see signal details, pin 15 eTPU_A[26] / IRQ[14] / DSPI_C_SOUT_LVDS– / GPIO[140] eTPU_A[25] / IRQ[13] / DSPI_C_SCK_LVDS+ / GPIO[139] eTPU_A[24] / IRQ[12] / DSPI_C_SCK_LVDS– / GPIO[138] VSS VDDEH1A VDD eTPU_A[15] / DSPI_B_PCS[5] / GPIO[129] VDDEH1B eTPU_A[14] / DSPI_B_PCS[4] / eTPU_A[9] / GPIO[128] VSS TMS TDI / eMIOS[5] / GPIO[232] TCK VSS VDDEH7 TDO / eMIOS[6] / GPIO[228] JCOMP DSPI_B_PCS[3] / DSPI_C_SIN / GPIO[108] DSPI_B_SIN / DSPI_C_PCS[2] / GPIO[103] VDDEH6B VSS DSPI_B_SCK / DSPI_C_PCS[1] / GPIO[102] DSPI_B_PCS[4] / DSPI_C_SCK / GPIO[109] VDD RSTOUT CAN_C_TX / GPIO[87] CAN_C_RX / GPIO[88] RESET VSS VDDEH6A VSSPLL XTAL EXTAL / EXTCLK VDDPLL VSS 100–Pin LQFP signal details: pin 15: eTPU_A[27] / IRQ[15] / DSPI_C_SOUT_LVDS+ / DSPI_B_SOUT / GPIO[141] |