データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5633MMLL60 データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MPC5633MMLL60
部品情報  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLL60 データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5633MMLL60 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
5
— Fetch Accelerator
– Provide single cycle flash access at 80 MHz
– Quadruple 128-bit wide prefetch/burst buffers
– Prefetch buffers can be configured to prefetch code or data or both
— Censorship protection scheme to prevent flash content visibility
— Flash divided into two independent arrays, allowing reading from one array while erasing/programming the other
array (used for EEPROM emulation)
— Memory block:
– For MPC5634M: 18 blocks (4
16 KB, 2 32 KB, 2 64 KB, 10 128 KB)
– For MPC5633M: 14 blocks (4
16 KB, 2 32 KB, 2 64 KB, 6 128 KB)
– For MPC5632M: 12 blocks (4
16 KB, 2 32 KB, 2 64 KB, 4 128 KB)
— Hardware programming state machine
On-chip static RAM
— For MPC5634M: 94 KB general purpose RAM of which 32 KB are on standby power supply
— For MPC5633M: 64 KB general purpose RAM of which 24 KB are on standby power supply
— For MPC5632M: 48 KB general purpose RAM of which 24 KB are on standby power supply
Boot assist module (BAM)
— Enables and manages the transition of MCU from reset to user code execution in the following configurations:
– Execution from internal flash memory
– Execution from external memory on the calibration bus
– Download and execution of code via FlexCAN or eSCI
Periodic interrupt timer (PIT)
— 32-bit wide down counter with automatic reload
— Four channels clocked by system clock
— One channel clocked by crystal clock
— Each channel can produce periodic software interrupt
— Each channel can produce periodic triggers for eQADC queue triggering
— One channel out of the five can be used as wake-up timer to wake device from low power stop mode
System timer module (STM)
— 32-bit up counter with 8-bit prescaler
— Clocked from system clock
— Four-channel timer compare hardware
— Each channel can generate a unique interrupt request
— Designed to address AutoSAR task monitor function
Software watchdog timer (SWT)
— 32-bit timer
— Clock by system clock or crystal clock
— Can generate either system reset or non-maskable interrupt followed by system reset
— Enabled out of reset
Enhanced modular I/O system (eMIOS)
— 16 timer channels (up to 14 channels in 144 LQFP)
— 24-bit timer resolution
— Supports a subset of the timer modes found in eMIOS on MPC5554
— 3 selectable time bases plus shared time or angle counter bus from eTPU2
— DMA and interrupt request support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More