データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8313CVRAFDA データシート(PDF) 34 Page - Freescale Semiconductor, Inc

部品番号 MPC8313CVRAFDA
部品情報  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA データシート(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
MPC8313E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2.1
34
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
8.5
Ethernet Management Interface Electrical Characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO
(management data input/output) and MDC (management data clock). The electrical characteristics for
MII, RMII, RGMII, SGMII, and RTBI are specified in Section 8.1, “Enhanced Three-Speed Ethernet
Controller (eTSEC) (10/100/1000 Mbps)—MII/RMII/RGMII/SGMII/RTBI Electrical Characteristics.”
8.5.1
MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 2.5 V or 3.3 V. Table 37 and Table 38
provide the DC electrical characteristics for MDIO and MDC.
TSEC_1588_TRIG_IN pulse width
tT1588TRIGH
2
× tT1588CLK_MAX
——
ns
2
Notes:
1.TRX_CLK is the max clock period of eTSEC receiving clock selected by TMR_CTRL[CKSEL]. See the MPC8313E
PowerQUICC™ II Pro Integrated Processor Family Reference Manual, for a description of TMR_CTRL registers.
2. It need to be at least two times of clock period of clock selected by TMR_CTRL[CKSEL]. See the
MPC8313E PowerQUICC™
II Pro Integrated Processor Family Reference Manual, for a description of TMR_CTRL registers.
3. The maximum value of tT1588CLK is not only defined by the value of TRX_CLK, but also defined by the recovered clock. For
example, for 10/100/1000 Mbps modes, the maximum value of tT1588CLK is 3600, 280, and 56 ns, respectively.
Table 37. MII Management DC Electrical Characteristics When Powered at 2.5 V
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage (2.5 V)
NVDDA/NVDDB
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
NVDDA or NVDDB = Min
2.00
NVDDA + 0.3
or
NVDDB + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
NVDDA or NVDDB = Min
VSS – 0.3
0.40
V
Input high voltage
VIH
—NVDDA or NVDDB = Min
1.7
V
Input low voltage
VIL
—NVDDA or NVDDB = Min
–0.3
0.70
V
Input high current
IIH
VIN
1 = NV
DDA or NVDDB
—10
μA
Input low current
IIL
VIN = NVDDA or NVDDB
–15
μA
Note:
1. Note that the symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 36. eTSEC IEEE 1588 AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com