データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8313VRAFDA データシート(PDF) 3 Page - Freescale Semiconductor, Inc

部品番号 MPC8313VRAFDA
部品情報  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313VRAFDA データシート(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8313VRAFDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
3
Overview
1.2
Serial Interfaces
The following interfaces are supported in the MPC8313E: dual UART, dual I2C, and an SPI interface
1.3
Security Engine
The security engine is optimized to handle all the algorithms associated with IPSec, IEEE Std 802.11i®,
and iSCSI. The security engine contains one crypto-channel, a controller, and a set of crypto execution
units (EUs). The execution units are as follows:
•
Data encryption standard execution unit (DEU), supporting DES and 3DES
•
Advanced encryption standard unit (AESU), supporting AES
•
Message digest execution unit (MDEU), supporting MD5, SHA1, SHA-224, SHA-256, and
HMAC with any algorithm
•
One crypto-channel supporting multi-command descriptor chains
1.4
DDR Memory Controller
The MPC8313E DDR1/DDR2 memory controller includes the following features:
•
Single 16- or 32-bit interface supporting both DDR1 and DDR2 SDRAM
•
Support for up to 333 MHz
•
Support for two physical banks (chip selects), each bank independently addressable
•
64-Mbit to 1-Gbit devices with x8/x16/x32 data ports (no direct x4 support)
•
Support for one 16-bit device or two 8-bit devices on a 16-bit bus, or one 32-bit device or two
16-bit devices on a 32-bit bus
•
Support for up to 16 simultaneous open pages
•
Supports auto refresh
•
On-the-fly power management using CKE
•
1.8-/2.5-V SSTL2 compatible I/O
1.5
PCI Controller
The MPC8313E PCI controller includes the following features:
•
PCI specification revision 2.3 compatible
•
Single 32-bit data PCI interface operates at up to 66 MHz
•
PCI 3.3-V compatible (not 5-V compatible)
•
Support for host and agent modes
•
On-chip arbitration, supporting three external masters on PCI
•
Selectable hardware-enforced coherency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com