データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8313VRAFDA データシート(PDF) 77 Page - Freescale Semiconductor, Inc

部品番号 MPC8313VRAFDA
部品情報  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313VRAFDA データシート(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8313VRAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8313VRAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
77
Clocking
20 Clocking
Figure 57 shows the internal distribution of clocks within the MPC8313E.
1 Multiplication factor M = 1, 1.5, 2, 2.5, and 3. Value is decided by RCWLR[COREPLL].
2 Multiplication factor L = 2, 3, 4, 5, and 6. Value is decided by RCWLR[SPMF].
Figure 57. MPC8313E Clock Subsystem
System
LBC
LCLK[0:1]
e300c3 Core
csb_clk to Rest
csb_clk
MPC8313E
Local Bus
PCI_CLK_OUT[0:2]
PCI_SYNC_OUT
PCI_CLK/
Clock
Unit
of the Device
lbc_clk
PCI Clock
PCI_SYNC_IN
Memory
Device
/n
To Local Bus
Clock
Divider (
÷2)
3
MEMC_MCK
MEMC_MCK
DDR
ddr_clk
DDR
Memory
Device
PLL
To DDR
Memory
Controller
Clock
CFG_CLKIN_DIV
/2
Divider
Divider
1
0
USB Mac
USB PHY
PLL
eTSEC
Protocol
Converter
GTX_CLK125
125-MHz Source
SYS_CR_CLK_IN
SYS_CR_CLK_OUT
mux
Crystal
SYS_CLK_IN
USB_CR_CLK_IN
USB_CR_CLK_OUT
Crystal
USB_CLK_IN
/1,/2
RTC_CLK (32 kHz)
RTC
Sys Ref
Core PLL
core_clk
x L2
x M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com