| データシートサーチシステム |
|
PCF8576DT/2 データシート(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/2 データシート(HTML) 42 Page - NXP Semiconductors |
|
42 / 52 page ![]() PCF8576D_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 7 — 18 December 2008 42 of 52 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 16. Packing information 16.1 Tray information Fig 28. Tray details Table 21. Tray dimensions (see Figure 28) Symbol Description Value Unit A pocket pitch in x direction 5.59 mm B pocket pitch in y direction 6.35 mm C pocket width in x direction 3.16 mm D pocket width in y direction 3.16 mm E tray width in x direction 50.8 mm F tray width in y direction 50.8 mm G cut corner to pocket 1.1 center 5.83 mm H cut corner to pocket 1.1 center 6.35 mm x number of pockets, x direction 8 - y number of pockets, y direction 7 - x y F H mce404 D E A G 1,1 x,1 2,1 1,2 1,y x,y C B |