| データシートサーチシステム |
|
PCF8576DT/2 データシート(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/2 データシート(HTML) 43 Page - NXP Semiconductors |
|
43 / 52 page ![]() PCF8576D_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 7 — 18 December 2008 43 of 52 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 16.2 Carrier tape information Fig 29. Tray alignment mdb080 PC8576D Fig 30. Tape details Table 22. Carrier tape dimensions Symbol Description Value Unit A0 pocket width in x direction 8.6 mm B0 pocket width in y direction 14.5 mm K0 pocket height 1.8 mm P1 sprocket hole pitch 12 mm W tape width in y direction 24 mm 001aaj314 direction of feed K0 4A0 P1 B0 W pin 1 index |