| データシートサーチシステム |
|
TDF8553J データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDF8553J データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 47 page ![]() TDF8553J_1 © NXP B.V. 2008. All rights reserved. Objective data sheet Rev. 01 — 3 December 2008 16 of 47 NXP Semiconductors TDF8553J 4 × 50 Watt power amplifier and multiple voltage regulator Fig 10. I2C-bus read and write modes 001aai674 ACK MSB MSB − 1 MSB MSB − 1 LSB + 1 LSB LSB + 1 12 78912 789 12 78912 789 : generated by master (microcontroller) To stop the transfer, after the last acknowledge (A) a stop condition (P) must be generated To stop the transfer, the last byte must not be acknowledged and a stop condition (P) must be generated : generated by slave (TDF8553) : start : stop : acknowledge : read / write S P A R/W SCL SDA SCL SDA ACK ACK MSB MSB − 1 MSB MSB − 1 LSB + 1 LSB LSB + 1 ACK SA A AP AP ADDRESS WRITE DATA READ DATA W S ADDRESS R I2C-bus WRITE I2C-bus READ Table 4. Instruction byte IB1 bit description Bit Symbol Description 7 D7 regulator 5 output voltage control; see Table 5 6D6 5D5 4D4 3 D3 SW2 control 0 = SW2 off 1 = SW2 on 2 D2 SW1 control 0 = SW1 off 1 = SW1 on 1 D1 AC-load or DC-load detection switch 0 = AC-load or DC-load detection off; resets DC-load detection bits and AC-load detection peak current counter 1 = AC-load or DC-load detection on |