データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT28BV64B データシート(PDF) 6 Page - ATMEL Corporation

部品番号 AT28BV64B
部品情報  64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV64B データシート(HTML) 6 Page - ATMEL Corporation

Back Button AT28BV64B Datasheet HTML 2Page - ATMEL Corporation AT28BV64B Datasheet HTML 3Page - ATMEL Corporation AT28BV64B Datasheet HTML 4Page - ATMEL Corporation AT28BV64B Datasheet HTML 5Page - ATMEL Corporation AT28BV64B Datasheet HTML 6Page - ATMEL Corporation AT28BV64B Datasheet HTML 7Page - ATMEL Corporation AT28BV64B Datasheet HTML 8Page - ATMEL Corporation AT28BV64B Datasheet HTML 9Page - ATMEL Corporation AT28BV64B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
0299H–PEEPR–10/06
AT28BV64B
10. AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on tACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
9.
AC Read Characteristics
Symbol
Parameter
AT28BV64B-20
Units
Min
Max
tACC
Address to Output Delay
200
ns
t
CE
(1)
CE to Output Delay
200
ns
tOE
(2)
OE to Output Delay
0
80
ns
tDF
(3)(4)
CE or OE to Output Float
0
55
ns
t
OH
Output Hold from OE, CE or Address, Whichever Occurred First
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com