データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN02H データシート(PDF) 9 Page - STMicroelectronics

部品番号 VN02H
部品情報  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02H データシート(HTML) 9 Page - STMicroelectronics

Back Button VN02H Datasheet HTML 2Page - STMicroelectronics VN02H Datasheet HTML 3Page - STMicroelectronics VN02H Datasheet HTML 4Page - STMicroelectronics VN02H Datasheet HTML 5Page - STMicroelectronics VN02H Datasheet HTML 6Page - STMicroelectronics VN02H Datasheet HTML 7Page - STMicroelectronics VN02H Datasheet HTML 8Page - STMicroelectronics VN02H Datasheet HTML 9Page - STMicroelectronics VN02H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN
TYP
MAX
MIN
TYP
MAX
A
4.30
4.80
0.169
0.189
C
1.17
1.37
0.046
0.054
D
2.40
2.80
0.094
0.110
E
0.35
0.55
0.014
0.021
F
0.80
1.05
0.031
0.041
F2
1.10
1.40
0.043
0.055
F3
1.25
1.55
0.049
0.061
G
3.20
3.60
0.126
0.142
G1
6.60
7.00
0.260
0.275
H1
9.30
9.70
0.366
0.382
H2
10.40
0.409
H3
10.05
10.40
0.396
0.409
L2
23.05
23.80
0.907
0.937
L3
25.30
26.10
0.996
1.027
L4
0.90
2.90
0.035
0.114
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.260
V4
90
o
90
o
Diam.
3.65
3.85
0.144
0.151
P010D
PENTAWATT (IN-LINE) MECHANICAL DATA
VN02H
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10