| データシートサーチシステム |
|
AT89C5115-RATUM データシート(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5115-RATUM データシート(HTML) 9 Page - ATMEL Corporation |
|
9 / 113 page ![]() 9 AT89C5115 4128G–8051–02/08 associated nFET is switched off. This is traditional CMOS switch convention. Current strengths are 1/10 that of pFET #3. Note: During Reset, pFET#1 is not avtivated. During Reset, only the weak pFET#3 pull up the pin. Figure 2. Internal Pull-up Configurations READ PIN INPUT DATA P1.x OUTPUT DATA 2 Osc. PERIODS n p1(1) p2 p3 VCC VCC VCC P2.x P3.x P4.x |