| データシートサーチシステム |
|
AT89C5115-RATUM データシート(PDF) 42 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5115-RATUM データシート(HTML) 42 Page - ATMEL Corporation |
|
42 / 113 page ![]() 42 AT89C5115 4128G–8051–02/08 Operation Cross Memory Access Space addressable in read and write are: • RAM • ERAM (Expanded RAM access by movx) • EEPROM DATA • FM0 ( user flash ) • Hardware byte • XROW • Boot Flash • Flash Column latch The table below provides the different kind of memory which can be accessed from dif- ferent code location. Note: 1. RWW: Read While Write Table 25. Cross Memory Access Action RAM ERAM Boot FLASH FM0 E² Data Hardware Byte XROW boot FLASH Read OK OK OK OK - Write - OK(1) OK(1) OK(1) OK(1) FM0 Read OK) OK OK OK - Write - OK (idle) OK(1) - OK |