データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C51ED2-RDTUM データシート(PDF) 62 Page - ATMEL Corporation

部品番号 AT89C51ED2-RDTUM
部品情報  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM データシート(HTML) 62 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 58Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 59Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 60Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 61Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 62Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 63Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 64Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 65Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 137 page
background image
62
4235K–8051–05/08
AT89C51RD2/ED2
Table 15-3.
KBLS Register
KBLS-Keyboard Level Selector Register (9Ch)
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
Bit Number
Bit
Mnemonic
Description
7
KBLS7
Keyboard line 7 Level Selection bit
Cleared to enable a low level detection on Port line 7.
Set to enable a high level detection on Port line 7.
6
KBLS6
Keyboard line 6 Level Selection bit
Cleared to enable a low level detection on Port line 6.
Set to enable a high level detection on Port line 6.
5
KBLS5
Keyboard line 5 Level Selection bit
Cleared to enable a low level detection on Port line 5.
Set to enable a high level detection on Port line 5.
4
KBLS4
Keyboard line 4 Level Selection bit
Cleared to enable a low level detection on Port line 4.
Set to enable a high level detection on Port line 4.
3
KBLS3
Keyboard line 3 Level Selection bit
Cleared to enable a low level detection on Port line 3.
Set to enable a high level detection on Port line 3.
2
KBLS2
Keyboard line 2 Level Selection bit
Cleared to enable a low level detection on Port line 2.
Set to enable a high level detection on Port line 2.
1
KBLS1
Keyboard line 1 Level Selection bit
Cleared to enable a low level detection on Port line 1.
Set to enable a high level detection on Port line 1.
0
KBLS0
Keyboard line 0 Level Selection bit
Cleared to enable a low level detection on Port line 0.
Set to enable a high level detection on Port line 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More