| データシートサーチシステム |
|
AT89C51ED2-RDTUM データシート(PDF) 92 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51ED2-RDTUM データシート(HTML) 92 Page - ATMEL Corporation |
|
92 / 137 page ![]() 92 4235K–8051–05/08 AT89C51RD2/ED2 Reset Value = XXXX XX00b Not bit addressable 1 EEE Enable EEPROM Space bit Set to map the EEPROM space during MOVX instructions (Write or Read to the EEPROM. Clear to map the XRAM space during MOVX. 0 EEBUSY Programming Busy flag Set by hardware when programming is in progress. Cleared by hardware when programming is done. Can not be set or cleared by software. Bit Number Bit Mnemonic Description |