| データシートサーチシステム |
|
9202 データシート(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
9202 データシート(HTML) 117 Page - STMicroelectronics |
|
117 / 175 page ![]() 117/175 UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV Separate Space Mode. Program space is sepa- rated from Data space. For example, Program Se- lect Enable (PSEN) is used to access the program code from the primary Flash memory, while READ Strobe (RD) is used to access data from the sec- ondary Flash memory, SRAM and I/O Port blocks. This configuration requires the VM Register to be set to 0Ch (see Figure 55). Combined Space Modes. The Program and Data spaces are combined into one memory space that allows the primary Flash memory, sec- ondary Flash memory, and SRAM to be accessed by either Program Select Enable (PSEN) or READ Strobe (RD). For example, to configure the prima- ry Flash memory in Combined space, Bits b2 and b4 of the VM Register are set to '1' (see Figure 56). Figure 55. Separate Space Mode Figure 56. Combined Space Mode Primary Flash Memory DPLD Secondary Flash Memory SRAM RS0 CSBOOT0-3 FS0-FS7 CS CS CS OE OE RD PSEN OE AI02869C Primary Flash Memory DPLD Secondary Flash Memory SRAM RS0 CSBOOT0-3 FS0-FS7 RD CS CS CS RD OE OE VM REG BIT 2 PSEN VM REG BIT 0 VM REG BIT 1 VM REG BIT 3 VM REG BIT 4 OE AI02870C |