データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9202 データシート(PDF) 49 Page - STMicroelectronics

部品番号 9202
部品情報  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 データシート(HTML) 49 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 45Page - STMicroelectronics 9202 Datasheet HTML 46Page - STMicroelectronics 9202 Datasheet HTML 47Page - STMicroelectronics 9202 Datasheet HTML 48Page - STMicroelectronics 9202 Datasheet HTML 49Page - STMicroelectronics 9202 Datasheet HTML 50Page - STMicroelectronics 9202 Datasheet HTML 51Page - STMicroelectronics 9202 Datasheet HTML 52Page - STMicroelectronics 9202 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 175 page
background image
49/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Figure 18. PORT Type and Description (Part 2)
AI06654
Symbol
Circuit
Function
In/
Out
PORT1 <3:0>,
PORT3,
PORT4<7:3,1:0>
PORT2
I/O
PORT4.2
Bidirectional I/O port with internal
pull-ups
Schmitt input
CMOS compatible interface
Bidirectional I/O port with internal
pull-ups
Schmitt input.
TTL compatible interface
Pull-up when reset
Address Latch Enable
Program Strobe Enable
PORT1 < 7:4 >
I/O
Bidirectional I/O port with internal
pull-ups
Schmitt input
CMOS compatible interface
Analog input option
I/O
an_enb
USB - ,
USB +
Bidirectional I/O port
Schmitt input
TTL compatible interface
I/O
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More