| データシートサーチシステム |
|
9202 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
9202 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 175 page ![]() 15/175 UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV Table 2. 80-Pin Package Pin Description Port Pin Signal Name Pin No. In/Out Function Basic Alternate P0.0 AD0 36 I/O External Bus Multiplexed Address/Data bus A1/D1 P0.1 AD1 37 I/O Multiplexed Address/Data bus A0/D0 P0.2 AD2 38 I/O Multiplexed Address/Data bus A2/D2 P0.3 AD3 39 I/O Multiplexed Address/Data bus A3/D3 P0.4 AD4 41 I/O Multiplexed Address/Data bus A4/D4 P0.5 AD5 43 I/O Multiplexed Address/Data bus A5/D5 P0.6 AD6 45 I/O Multiplexed Address/Data bus A6/D6 P0.7 AD7 47 I/O Multiplexed Address/Data bus A7/D7 P1.0 T2 52 I/O General I/O port pin Timer 2 Count input P1.1 T2EX 54 I/O General I/O port pin Timer 2 Trigger input P1.2 RxD2 56 I/O General I/O port pin 2nd UART Receive P1.3 TxD2 58 I/O General I/O port pin 2nd UART Transmit P1.4 ADC0 59 I/O General I/O port pin ADC Channel 0 input P1.5 ADC1 60 I/O General I/O port pin ADC Channel 1 input P1.6 ADC2 61 I/O General I/O port pin ADC Channel 2 input P1.7 ADC3 64 I/O General I/O port pin ADC Channel 3 input P2.0 A8 51 O External Bus, Address A8 P2.1 A9 53 O External Bus, Address A9 P2.2 A10 55 O External Bus, Address A10 P2.3 A11 57 O External Bus, Address A11 P3.0 RxD1 75 I/O General I/O port pin UART Receive P3.1 TxD1 77 I/O General I/O port pin UART Transmit P3.2 INTO 79 I/O General I/O port pin Interrupt 0 input / Timer 0 gate control P3.3 INT1 2 I/O General I/O port pin Interrupt 1 input / Timer 1 gate control P3.4 T0 40 I/O General I/O port pin Counter 0 input P3.5 T1 42 I/O General I/O port pin Counter 1 input P3.6 SDA2 44 I/O General I/O port pin I2C Bus serial data I/O P3.7 SCL2 46 I/O General I/O port pin I2C Bus clock I/O P4.0 SDA1 33 I/O General I/O port pin I2C serial data I/O for DDC interface P4.1 SCL1 31 I/O General I/O port pin I2C clock I/O for DDC interface P4.2 VSYNC 30 I/O General I/O port pin VSYNC input for DDC interface |