| データシートサーチシステム |
|
U4091BM-R データシート(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
U4091BM-R データシート(HTML) 16 Page - ATMEL Corporation |
|
16 / 38 page ![]() 16 4872A–CORD–08/05 U4091BM-R 12. Acoustic Feedback Suppression Acoustical feedback from the loudspeaker to the hands-free microphone may cause instability of the system. The U4091BM-R has a very efficient feedback-suppression circuit which offers a 4-point or (alternatively) a 2-point signal-sensing topology (see Figure 12-1). Two attenuators (TXA and SAI) reduce the critical loop gain via the serial bus either in the trans- mit or in the receive path. The overall loop gain remains constant under all operating conditions. The LOGs produce a logarithmically-compressed signal of the TX- and RX-envelope curve. The AFSCON block determines whether the TX or the RX signal has to be attenuated. The voice-switch topology can be selected by the serial bus. In 2-point-sensing mode, AFSCON is controlled directly by the LOG outputs. Figure 12-1. Basic System Configurations CCT CT DTD LOG CALCR AFSCON SA BNM BNM LOG CALCT CBNMR BNMR TLDR CRLO LOG LOG CBNMT BNMT CTLO TLDT MICO INLDT RTU CTU TXA MICRO RECO1 INLDR CRU RECO2 RRU Mode control AGATX STO Line AGARX HV SAI |