| データシートサーチシステム |
|
CMS3216LAH データシート(PDF) 18 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS3216LAH データシート(HTML) 18 Page - FIDELIX |
|
18 / 46 page ![]() Rev0.2, Jan. 2007 CMS3216LAx-75xx AC Characteristics tCK 1 tROH(1) CL=1 tCK 2 tROH(2) CL=2 tCK 3 tROH(3) CL=3 Data-out to high-impedance from PRECHARGE command[38.] tCK 2 tMRD LOAD MODE REGISTER command to ACTIVE or REFRESH command[42.] tCK 2 tRDL Last data-in to PRECHARGE command[41.] tCK 1 tCDL Last data-in to new READ/WRITE command[38.] Max Min Parameter Units -75 Symbol AC Characteristics Note : 33. The clock frequency must remain constant (stable clock is defined as a signal cycling within timing constraints specified for the clock pin) during access or precharge states (READ, WRITE, including tWR, and PRECHARGE commands). CKE may be used to reduce the data rate. 34. AC characteristics assume tT = 1ns. 35. Auto precharge mode only. 36. Precharge mode only. 37. CLK must be toggled a minimum of two times during this period. 38. Required clocks are specified by JEDEC functionality and are not dependent on any timing parameter. 39. Timing actually specified by tCKS; clock(s) specified as a reference only at minimum cycle rate. 40. Timing actually specified by tWR plus tRP; clock(s) specified as a reference only at minimum cycle rate. 41. Timing actually specified by tWR. 42. JEDEC and PC100 specify three clocks. |