| データシートサーチシステム |
|
CMS6416LAH データシート(PDF) 42 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS6416LAH データシート(HTML) 42 Page - FIDELIX |
|
42 / 46 page ![]() Rev1.3, Nov. 2005 CMS6416LAx-75xx Figure 29. Deep Power Down Mode Entry Figure 30. Deep Power Down Mode Exit The Deep Power Down Mode is entered by having burst termination command, while CKE is low. The Deep Power Down Mode has to be maintained for a minimum of 100us. The following diagram illustrates Deep Power Down mode entry. DEEP POWER DOWN MODE ENTRY The Deep Power Down Mode is exited by asserting CKE high. After the exit, the following sequence is needed to enter a new command 1. Maintain NOP input conditions for a minimum of 200us 2. Issue precharge commands for all banks of the device 3. Issue 8 or more auto refresh commands 4. Issue a mode register set command to initialize the mode register 5. Issue a extended mode register set command to initialize the extended mode register The following timing diagram illustrates deep power down exit sequence DEEP POWER DOWN MODE EXIT SEQUENCE CLK Command NOP Precharge All Bank NOP Burst Terminate CKE NOP Precharge If needed Deep Power Down Entry tRP CLK Command CKE Deep Power Down Exit Active Address Bank a Row Key Key 200 us Precharge All Bank A10 AREF Precharge All Bank NOP EMRS MRS NOP NOP Normal MRS Extended MRS Row Active A Bank tRP |