| データシートサーチシステム |
|
CMS6416LAH データシート(PDF) 32 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS6416LAH データシート(HTML) 32 Page - FIDELIX |
|
32 / 46 page ![]() Rev1.3, Nov. 2005 CMS6416LAx-75xx Data for a fixed-length WRITE burst a full-page WRITE burst may be followed by, or truncated with, a PRECHARGE com- mand to the same bank.The PRECHARGE command should be issued tWR after the clock edge at which the last desired input data element is registered. The auto precharge mode requires a tWR of at least one clock plus time, regardless of frequency. In addition, when truncating a WRITE burst, the DQM signal must be used to mask input data for the clock edge prior to, and the clock edge coincident with, the PRECHARGE command. An example is shown in Figure 19. Data n + 1 is either the last of a burst of two or the last desired of a longer burst. Following the PRECHARGE command, a subsequent command to the same bank cannot be issued until tRP is met. Figure 16. Write to Write - Transition from a burst of 2 to a single write Figure 15. Write Burst - Burst length of 2 T0 T1 T2 CLK Command Address Write NOP T3 NOP NOP Bank Col n DQ Din n Din n+1 T0 T1 T2 CLK Command Address Write NOP Write Bank Col n DQ Din n Din n+1 Bank Col b Din b |