| データシートサーチシステム |
|
AT91SAM9261 データシート(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9261 データシート(HTML) 23 Page - ATMEL Corporation |
|
23 / 43 page ![]() 23 6062KS–ATARM–15-Jan-09 AT91SAM9261 Preliminary 9.1 Block Diagram Figure 9-1. System Controller Block Diagram NRST SLCK Advanced Interrupt Controller Real-Time Timer Periodic Interval Timer Reset Controller PA0-PA31 periph_nreset System Controller Watchdog Timer wdt_fault WDRPROC PIO Controllers Power Management Controller XIN XOUT PLLRCA MAINCK PLLACK pit_irq MCK proc_nreset wdt_irq periph_irq{2..4] periph_nreset periph_clk[2..21] PCK MCK pmc_irq UDPCK nirq nfiq rtt_irq Embedded Peripherals periph_clk[2..4] pck[0-3] in out enable ARM926EJ-S SLCK SLCK irq0-irq2 fiq irq0-irq2 fiq periph_irq[6..21] periph_irq[2..21] int int periph_nreset periph_clk[6..21] jtag_nreset ice_nreset proc_nreset periph_nreset dbgu_txd dbgu_rxd pit_irq rtt_irq dbgu_irq pmc_irq rstc_irq wdt_irq rstc_irq SLCK Boundary Scan TAP Controller jtag_nreset debug PCK debug idle debug Bus Matrix MCK periph_nreset proc_nreset backup_nreset periph_nreset idle Debug Unit dbgu_irq MCK dbgu_rxd periph_nreset force_ntrst dbgu_txd USB Device Port UDPCK periph_nreset periph_clk[10] periph_irq[10] usb_suspend usb_suspend rtt_alarm Shutdown Controller SLCK rtt_alarm backup_nreset SHDN WKUP 4 General-purpose Backup Registers backup_nreset XIN32 XOUT32 LCDCK PLLRCB PLLBCK UHPCK PB0-PB31 PC0-PC31 USB Host Port UHPCK periph_nreset periph_clk[20] periph_irq[20] LCD Controller LCDCK periph_nreset periph_clk[21] periph_irq[21] VDDBU Powered VDDCORE Powered force_ntrst ntrst VDDCORE POR MAIN OSC PLLA VDDBU POR SLOW CLOCK OSC PLLB ice_nreset |