| データシートサーチシステム |
|
AT91SAM9261 データシート(PDF) 32 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9261 データシート(HTML) 32 Page - ATMEL Corporation |
|
32 / 43 page ![]() 32 6062KS–ATARM–15-Jan-09 AT91SAM9261 Preliminary 10.3.3 PIO Controller B Multiplexing Note: 1. PB3 is multiplexed with BMS signal. Care should be taken during reset time. Table 10-3. Multiplexing on PIO Controller B PIO Controller B Application Usage I/O Line Peripheral A Peripheral B Comments Reset State Power Supply Function Comments PB0 LCDVSYNC I/O VDDIOP PB1 LCDHSYNC I/O VDDIOP PB2 LCDDOTCK PCK0 I/O VDDIOP PB3(1) LCDDEN See footnote(1) I/O VDDIOP PB4 LCDCC LCDD2 I/O VDDIOP PB5 LCDD0 LCDD3 I/O VDDIOP PB6 LCDD1 LCDD4 I/O VDDIOP PB7 LCDD2 LCDD5 I/O VDDIOP PB8 LCDD3 LCDD6 I/O VDDIOP PB9 LCDD4 LCDD7 I/O VDDIOP PB10 LCDD5 LCDD10 I/O VDDIOP PB11 LCDD6 LCDD11 I/O VDDIOP PB12 LCDD7 LCDD12 I/O VDDIOP PB13 LCDD8 LCDD13 I/O VDDIOP PB14 LCDD9 LCDD14 I/O VDDIOP PB15 LCDD10 LCDD15 I/O VDDIOP PB16 LCDD11 LCDD19 I/O VDDIOP PB17 LCDD12 LCDD20 I/O VDDIOP PB18 LCDD13 LCDD21 I/O VDDIOP PB19 LCDD14 LCDD22 I/O VDDIOP PB20 LCDD15 LCDD23 I/O VDDIOP PB21 TF0 LCDD16 I/O VDDIOP PB22 TK0 LCDD17 I/O VDDIOP PB23 TD0 LCDD18 I/O VDDIOP PB24 RD0 LCDD19 I/O VDDIOP PB25 RK0 LCDD20 I/O VDDIOP PB26 RF0 LCDD21 I/O VDDIOP PB27 SPI1_NPCS1 LCDD22 I/O VDDIOP PB28 SPI1_NPCS0 LCDD23 I/O VDDIOP PB29 SPI1_SPCK IRQ2 I/O VDDIOP PB30 SPI1_MISO IRQ1 I/O VDDIOP PB31 SPI1_MOSI PCK2 I/O VDDIOP |