| データシートサーチシステム |
|
AT52SC1283J データシート(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT52SC1283J データシート(HTML) 46 Page - ATMEL Corporation |
|
46 / 52 page ![]() 46 3530B–STKD–2/4/05 AT52SC1283J/1284J [Preliminary] 50. Write Cycle Waveforms 50.1 Write Cycle (1) (PWE Controlled, ZZ = V IH) 50.2 Write Cycle (2) (PCS1 Controlled, ZZ = V IH) 50.3 Write Cycle (3) (PUB, PLB Controlled, ZZ = V IH) Notes: 1. A write occurs during the overlap (t WP) of low PCS1 and PWE. A write begins when PCS1 goes low and PWE goes low with asserting PUB or PLB for single byte operation or simultaneously asserting PUB and PLB for double byte operation. A write ends at the earliest transition when PCS1 goes high and PWE goes high. The t WP is measured from the beginning of write to the end of write. 2. t CW is measured from the PCS1 going low to end of write. 3. t AS is measured from the address valid to the beginning of write. 4. t WR is measured from the end of write to the address change. tWR applied in case a write ends as PCS1 or PWE going high. 5. Do not access device with cycle timing shorter than t RC (tWC) for continuous periods > 10 µs. Address PCS1 PUB, PLB PWE Data Out C W R W W P S High-Z High-Z Data Undefined Data Valid W W HZ Data In (2) (1) (4) Address PCS1 PUB, PLB PWE Data Out C R W P High-Z High-Z Data Valid W Dat a In W S W (2) (1) (4) Address PCS1 PUB, PLB PWE Data Out C R W P High-Z High-Z Data Valid W Data In W W S (2) (1) (4) |