データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XIO2000AI データシート(PDF) 29 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

部品番号 XIO2000AI
部品情報  PCI Express to PCI Bus Translation Bridge
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
ホームページ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

XIO2000AI データシート(HTML) 29 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button XIO2000AI Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 33Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
Introduction
19
April 2007 Revised October 2008
SCPS155C
Table 2−9. Clock Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
REFCLK_SEL
A16
D11
A14
I
LV
CMOS
VDD_33
Pullup or
pulldown
resistor
Reference clock select. This
terminal selects the reference
clock input.
0 = 100-MHz differential
common reference clock
used.
1 = 125-MHz single-ended,
reference clock used.
REFCLK+
C17
C14
C13
DI
HS
DIFF
IN
VDD_33
−
Reference clock. REFCLK+ and
REFCLK− comprise the
differential input pair for the
100-MHz system reference
clock. For a single-ended,
125-MHz system reference
clock, use the REFCLK+ input.
REFCLK−
C16
B14
C14
DI
HS
DIFF
IN
VDD_33
Capacitor to
VSS for
single-ended
mode
Reference clock. REFCLK+ and
REFCLK− comprise the
differential input pair for the
100-MHz system reference
clock. For a single-ended,
125-MHz system reference
clock, attach a capacitor from
REFCLK− to VSS.
CLK
P03
L03
L03
I
PCI
Bus
VCCP
−
PCI clock input. This is the clock
input to the PCI bus core.
CLKOUT0
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
CLKOUT5
CLKOUT6
C08
B09
B10
A11
A12
A13
B14
D07
A08
A09
D09
A11
C10
C11
D07
B08
A09
D10
B10
B11
A13
O
PCI
Bus
VCCP
−
PCI clock outputs. These clock
outputs are used to clock the
PCI bus. If the bridge PCI bus
clock outputs are used, then
CLKOUT6 must be connected to
the CLK input.