データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX2000-1CS896 データシート(PDF) 126 Page - Actel Corporation

部品番号 AX2000-1CS896
部品情報  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 データシート(HTML) 126 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 122Page - Actel Corporation AX2000-1CS896 Datasheet HTML 123Page - Actel Corporation AX2000-1CS896 Datasheet HTML 124Page - Actel Corporation AX2000-1CS896 Datasheet HTML 125Page - Actel Corporation AX2000-1CS896 Datasheet HTML 126Page - Actel Corporation AX2000-1CS896 Datasheet HTML 127Page - Actel Corporation AX2000-1CS896 Datasheet HTML 128Page - Actel Corporation AX2000-1CS896 Datasheet HTML 129Page - Actel Corporation AX2000-1CS896 Datasheet HTML 130Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 226 page
background image
Axcelerator Family FPGAs
3- 20
v2.7
IO54NB5F5
V8
IO54PB5F5
V9
IO55NB5F5
V6
IO55PB5F5
V7
IO56NB5F5
U4
IO56PB5F5
U5
IO57NB5F5
T4
IO57PB5F5
T5
IO58NB5F5
V4
IO58PB5F5
V5
IO59NB5F5
V2
IO59PB5F5
V3
Bank 6
IO60NB6F6
P5
IO60PB6F6
P6
IO61NB6F6
T2
IO61PB6F6
U3
IO62NB6F6
T1
IO62PB6F6
U1
IO63NB6F6
P1
IO63PB6F6
R1
IO64NB6F6
R3
IO64PB6F6
P3
IO65NB6F6
P2
IO65PB6F6
R2
IO66NB6F6
M3
IO66PB6F6
N3
IO67NB6F6
M2
IO67PB6F6
N2
IO68NB6F6
M1
IO68PB6F6
N1
IO69NB6F6
K4
IO69PB6F6
L4
IO70NB6F6
K1
IO70PB6F6
L1
IO71NB6F6
K3
IO71PB6F6
L3
Bank 7
324-Pin FBGA
AX125 Function
Pin Number
IO72NB7F7
H4
IO72PB7F7
J4
IO73NB7F7
K2
IO73PB7F7
L2
IO74NB7F7
H2
IO74PB7F7
H1
IO75NB7F7
H3
IO75PB7F7
J3
IO76NB7F7
F2
IO76PB7F7
G2
IO77NB7F7
F1
IO77PB7F7
G1
IO78NB7F7
D2
IO78PB7F7
E2
IO79NB7F7
F3
IO79PB7F7
G3
IO80NB7F7
E3
IO80PB7F7
E4
IO81NB7F7
D1
IO81PB7F7
E1
IO82NB7F7
D3
IO82PB7F7
C2
IO83NB7F7
B1
IO83PB7F7
C1
Dedicated I/O
VCCDA
F5
GND
A1
GND
A18
GND
B17
GND
B2
GND
C16
GND
C3
GND
E16
GND
F13
GND
F6
GND
G12
GND
G7
GND
H10
324-Pin FBGA
AX125 Function
Pin Number
GND
H11
GND
H8
GND
H9
GND
J10
GND
J11
GND
J8
GND
J9
GND
K10
GND
K11
GND
K8
GND
K9
GND
L10
GND
L11
GND
L8
GND
L9
GND
M12
GND
M7
GND
N13
GND
N6
GND
R14
GND
R4
GND
T16
GND
T3
GND
U17
GND
U2
GND
V1
GND
V18
GND/LP
E5
NC
A10
NC
A11
NC
A12
NC
A13
NC
A8
NC
A9
NC
B12
NC
F15
NC
F4
NC
G15
324-Pin FBGA
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More