データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX2000-1CS896 データシート(PDF) 136 Page - Actel Corporation

部品番号 AX2000-1CS896
部品情報  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 データシート(HTML) 136 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 132Page - Actel Corporation AX2000-1CS896 Datasheet HTML 133Page - Actel Corporation AX2000-1CS896 Datasheet HTML 134Page - Actel Corporation AX2000-1CS896 Datasheet HTML 135Page - Actel Corporation AX2000-1CS896 Datasheet HTML 136Page - Actel Corporation AX2000-1CS896 Datasheet HTML 137Page - Actel Corporation AX2000-1CS896 Datasheet HTML 138Page - Actel Corporation AX2000-1CS896 Datasheet HTML 139Page - Actel Corporation AX2000-1CS896 Datasheet HTML 140Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 226 page
background image
Axcelerator Family FPGAs
3- 30
v2.7
IO157PB7F14
J2
IO158NB7F15
H1
IO158PB7F15
J1
IO159NB7F15
F1
IO159PB7F15
G1
IO160NB7F15
F2
IO160PB7F15
G2
IO161NB7F15
H6
IO161PB7F15
J6
IO162NB7F15
F3
IO162PB7F15
G3
IO163NB7F15
G5
IO163PB7F15
G6
IO164NB7F15
D1
IO164PB7F15
E1
IO165NB7F15
F4
IO165PB7F15
G4
IO166NB7F15
D2
IO166PB7F15
E2
IO167NB7F15
F5
IO167PB7F15
E4
Dedicated I/O
VCCDA
H7
GND
A1
GND
A11
GND
A12
GND
A2
GND
A21
GND
A22
GND
AA1
GND
AA2
GND
AA21
GND
AA22
GND
AB1
GND
AB11
GND
AB12
GND
AB2
GND
AB21
484-Pin FBGA
AX500 Function
Pin Number
GND
AB22
GND
B1
GND
B2
GND
B21
GND
B22
GND
C20
GND
C3
GND
D19
GND
D4
GND
E18
GND
E5
GND
G18
GND
H15
GND
H8
GND
J14
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
L1
GND
L10
GND
L11
GND
L12
GND
L13
GND
L22
GND
M1
GND
M10
GND
M11
GND
M12
GND
M13
GND
M22
GND
N10
GND
N11
GND
N12
GND
N13
GND
P14
GND
P9
484-Pin FBGA
AX500 Function
Pin Number
GND
R15
GND
R8
GND
U16
GND
U6
GND
V18
GND
V5
GND
W19
GND
W4
GND
Y20
GND
Y3
GND/LP
G7
NC
AB8
NC
AB16
NC
C10
NC
C11
NC
C14
PRA
G11
PRB
F11
PRC
T12
PRD
U12
TCK
G8
TDI
F9
TDO
F7
TMS
F6
TRST
F8
VCCA
G17
VCCA
J10
VCCA
J11
VCCA
J12
VCCA
J13
VCCA
J7
VCCA
K14
VCCA
K9
VCCA
L14
VCCA
L9
VCCA
M14
VCCA
M9
VCCA
N14
484-Pin FBGA
AX500 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More