| データシートサーチシステム |
|
AX2000-1CS896 データシート(PDF) 146 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 データシート(HTML) 146 Page - Actel Corporation |
|
146 / 226 page ![]() Axcelerator Family FPGAs 3- 40 v2.7 GND AC23 GND AC4 GND AD24 GND AD3 GND AE2 GND AE25 GND AF1 GND AF13 GND AF14 GND AF19 GND AF26 GND AF8 GND B2 GND B25 GND B26 GND C24 GND C3 GND G20 GND G7 GND H1 GND H19 GND H26 GND H8 GND J18 GND J9 GND K10 GND K11 GND K12 GND K13 GND K14 GND K15 GND K16 GND K17 GND L10 GND L11 GND L12 GND L13 GND L14 GND L15 676-Pin FBGA AX500 Function Pin Number GND L16 GND L17 GND M10 GND M11 GND M12 GND M13 GND M14 GND M15 GND M16 GND M17 GND N1 GND N10 GND N11 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND N26 GND P1 GND P10 GND P11 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 GND P26 GND R10 GND R11 GND R12 GND R13 GND R14 GND R15 GND R16 GND R17 GND T10 676-Pin FBGA AX500 Function Pin Number GND T11 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND U10 GND U11 GND U12 GND U13 GND U14 GND U15 GND U16 GND U17 GND V18 GND V9 GND W1 GND W19 GND W26 GND W8 GND Y20 GND Y7 GND/LP C2 NC A11 NC A21 NC A22 NC A24 NC A25 NC AA11 NC AA19 NC AA20 NC AA4 NC AA5 NC AA6 NC AA7 NC AA8 NC AA9 NC AB1 676-Pin FBGA AX500 Function Pin Number |