| データシートサーチシステム |
|
AX2000-1CS896 データシート(PDF) 181 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 データシート(HTML) 181 Page - Actel Corporation |
|
181 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-75 GND E30 GND E5 GND F29 GND F30 GND F6 GND G28 GND G7 GND H1 GND H34 GND J2 GND J33 GND K3 GND K32 GND L11 GND L24 GND L31 GND L4 GND M12 GND M23 GND M30 GND M5 GND N1 GND N13 GND N22 GND N34 GND P14 GND P15 GND P16 GND P17 GND P18 GND P19 GND P20 GND P21 GND R14 GND R15 GND R16 GND R17 GND R18 GND R19 1152-Pin FBGA AX2000 Function Pin Number GND R20 GND R21 GND R3 GND R32 GND T14 GND T15 GND T16 GND T17 GND T18 GND T19 GND T20 GND T21 GND U14 GND U15 GND U16 GND U17 GND U18 GND U19 GND U20 GND U21 GND U30 GND U5 GND V14 GND V15 GND V16 GND V17 GND V18 GND V19 GND V20 GND V21 GND V30 GND V5 GND W14 GND W15 GND W16 GND W17 GND W18 GND W19 GND W20 1152-Pin FBGA AX2000 Function Pin Number GND W21 GND Y14 GND Y15 GND Y16 GND Y17 GND Y18 GND Y19 GND Y20 GND Y21 GND Y3 GND Y32 GND/LP G6 NC A17 NC A26 NC AB2 NC AB33 NC AC34 NC AD3 NC AD34 NC AE31 NC AE33 NC AE34 NC AF1 NC AF34 NC AG2 NC AG4 NC AH1 NC AH2 NC AH31 NC AH32 NC AH34 NC AJ1 NC AJ2 NC AJ3 NC AJ31 NC AJ32 NC AJ33 NC AJ34 NC AJ4 1152-Pin FBGA AX2000 Function Pin Number |