データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3478 データシート(PDF) 10 Page - Linear Technology

部品番号 LT3478
部品情報  4.5A Monolithic LED Drivers with True Color PWM Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3478 データシート(HTML) 10 Page - Linear Technology

Back Button LT3478 Datasheet HTML 6Page - Linear Technology LT3478 Datasheet HTML 7Page - Linear Technology LT3478 Datasheet HTML 8Page - Linear Technology LT3478 Datasheet HTML 9Page - Linear Technology LT3478 Datasheet HTML 10Page - Linear Technology LT3478 Datasheet HTML 11Page - Linear Technology LT3478 Datasheet HTML 12Page - Linear Technology LT3478 Datasheet HTML 13Page - Linear Technology LT3478 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3478/LT3478-1
10
34781f
APPLICATIO S I FOR ATIO
Inductor Selection
Several inductors that work well with the LT3478/LT3478-1
are listed in Table 1. However, there are many other manu-
facturers and inductors that can be used. Consult each
manufacturer for more detailed information and their entire
range of parts. Ferrite cores should be used to obtain the
best efficiency. Choose an inductor that can handle the
necessary peak current without saturating. Also ensure
that the inductor has a low DCR (copper-wire resistance)
to minimize I2R power losses. Values between 4.7µH and
22µH will suffice for most applications.
Inductor manufacturers specify the maximum current
rating as the current where inductance falls by a given
percentage of its nominal value. An inductor can pass a
current greater than its rated value without damaging it.
Aggressive designs where board space is precious will
exceed the maximum current rating of the inductor to save
space. Consult each manufacturer to determine how the
maximum inductor current is measured and how much
more current the inductor can reliably conduct.
Capacitor Selection
Low ESR (equivalent series resistance) ceramic capaci-
tors should be used at the output to minimize the output
ripple voltage. Use only X5R or X7R dielectrics, as these
materials retain their capacitance over wider voltage and
temperature ranges than other dielectrics. A 4.7µF to
10µF output capacitor is sufficient for most high output
current designs. Some suggested manufacturers are
listed in Table 2.
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, are ideal for LT3478/LT3478-1 ap-
plications. Table 3 lists several Schottky diodes that work
well. The diode’s average current rating must exceed the
application’s average output current. The diode’s maximum
reverse voltage must exceed the application’s output volt-
age. A 4.5A diode is sufficient for most designs. For PWM
dimming applications, be aware of the reverse leakage
current of the diode. Lower leakage current will drain the
output capacitor less, allowing for higher dimming range.
The companies below offer Schottky diodes with high
voltage and current ratings.
Table 1. Suggested Inductors
MANUFACTURER PART NUMBER
IDC (A)
INDUCTANCE (µH)
MAX DCR (mΩ)L × W × H (mm)
MANUFACTURER
CDRH104R-100NC
CDRH103RNP-4R7NC-B
CDRH124R-100MC
CDRH104R-5R2NC
3.8
4
4.5
5.5
10
4.7
10
5.2
35
30
28
22
10.5 × 10.3 × 4.0
10.5 × 10.3 × 3.1
12.3 × 12.3 × 4.5
10.5 × 10.3 × 4.0
Sumida
www.sumida.com
FDV0630-4R7M
4.2
4.7
49
7.0 × 7.7 × 3.0
Toko
www.toko.com
UP4B-220
7.6
22
34
22 × 15 × 7.9
Cooper
www.cooperet.com
Table 2. Ceramic Capacitor Manufacturers
MANUFACTURER
PHONE NUMBER
WEB
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Table 3. Suggested Diodes
MANUFACTURER PART NUMBER
MAX CURRENT (A)
MAX REVERSE VOLTAGE
WEB
UPS340
3
40
Microsemi
www.microsemi.com
B520C
B530C
B340A
B540C
PDS560
5
5
3
5
5
30
30
40
40
60
Diodes, Inc.
www.diodes.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com