データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3478 データシート(PDF) 18 Page - Linear Technology

部品番号 LT3478
部品情報  4.5A Monolithic LED Drivers with True Color PWM Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3478 データシート(HTML) 18 Page - Linear Technology

Back Button LT3478 Datasheet HTML 14Page - Linear Technology LT3478 Datasheet HTML 15Page - Linear Technology LT3478 Datasheet HTML 16Page - Linear Technology LT3478 Datasheet HTML 17Page - Linear Technology LT3478 Datasheet HTML 18Page - Linear Technology LT3478 Datasheet HTML 19Page - Linear Technology LT3478 Datasheet HTML 20Page - Linear Technology LT3478 Datasheet HTML 21Page - Linear Technology LT3478 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT3478/LT3478-1
18
34781f
Local heating from the nearby inductor and Schottky diode
will also add to the final junction temperature of the IC.
Based on empirical measurements, the effect of diode and
inductor heating on the LT3478-1 junction temperature
can be approximated as:
ΔTJ (LT3478-1) = 5°C/W • (PDIODE + PINDUCTOR)
PDIODE = (1 – D) • VF • IL(AVE)
1 – D = 0.316
VF = 0.5V
IL(AVE) = 2.41
PDIODE = 0.316 • 0.5 • 2.41 = 0.381W
PINDUCTOR = IL(AVE)
2 • DCR
DCR = inductor DC resistance (assume 0.05Ω)
PINDUCTOR = (2.41)
2 • 0.05 = 0.29W
The LT3478/LT3478-1 use a thermally enhanced FE pack-
age. With proper soldering to the Exposed Pad on the
underside of the package combined with a full copper plane
underneath the device, thermal resistance (θJA) will be
about 35°C/W. For an ambient temperature of TA = 70°C,
the junction temperature of the LT3478-1 for the example
application described above, can be calculated as:
TJ (LT3478-1)
= TA + θJA(PTOT) + 5(PDIODE + PINDUCTOR)
= 70 + 35(1.25) + 5(0.671)
= 70 + 44 + 4
= 118°C
In the above example, efficiency was initially assumed to
be η = 0.89. A lower efficiency (η) for the converter will
increase IL(AVE) and hence increase the calculated value
for TJ. η can be calculated as:
η = POUT/(POUT + PLOSS)
POUT = VOUT • ILED = 17.15W
PLOSS (estimated) = PIC + PDIODE + PINDUCTOR = 1.92W
η = 17.15/(17.15 + 1.92) = 0.9
If an application is built, the inductor current can be mea-
sured and a new value for junction temperature estimated.
Ideally a thermal measurement should be made to achieve
the greatest accuracy for TJ.
Note: The junction temperature of the IC can be reduced
if a lower VIN supply is available – separate from the
inductor supply VS. In the above example, driving VIN
from an available 3V source (instead of VS = 8V) reduces
input quiescent losses in item(4) from 0.597W to 0.224W,
resulting in a reduction of TJ from 118°C to 105°C.
Layout Considerations
As with all switching regulators, careful attention must be
given to PCB layout and component placement to achieve
optimal thermal,electrical and noise performance (Figure
12). The exposed pad of the LT3478/LT3478-1 (Pin 17)
is the only GND connection for the IC. The exposed pad
should be soldered to a continuous copper ground plane
underneath the device to reduce die temperature and
maximize the power capability of the IC. The ground path
for the RT resistor and VC capacitor should be taken from
nearby the analog ground connection to the exposed pad
(near Pin 9) separate from the power ground connection
to the exposed pad (near Pin 16). The bypass capacitor
for VIN should be placed as close as possible to the VIN
pin and the analog ground connection. SW pin voltage rise
and fall times are designed to be as short as possible for
maximum efficiency. To reduce the effects of both radiated
and conducted noise, the area of the SW trace should be
kept as small as possible. Use a ground plane under the
switching regulator to minimize interplane coupling. The
schottky diode and output capacitor should be placed as
close as possible to the SW node to minimize this high
frequency switching path. To minimize LED current sensing
errors for the LT3478, the terminals of the external sense
resistor RSENSE should be tracked to the VOUT and LED
pins separate from any high current paths.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com