データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4446IMS8E-PBF データシート(PDF) 8 Page - Linear Technology

部品番号 LTC4446IMS8E-PBF
部品情報  High Voltage High Side/Low Side N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4446IMS8E-PBF データシート(HTML) 8 Page - Linear Technology

Back Button LTC4446IMS8E-PBF Datasheet HTML 4Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 5Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 6Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 7Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 8Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 9Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 10Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 11Page - Linear Technology LTC4446IMS8E-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4446
8
4446f
OPERATION
both the high side and low side MOSFETs conducting,
significant cross-conduction current will flow through the
MOSFETs from VIN to ground and will cause substantial
power loss. A similar effect occurs on TG due to the CGS
and CGD capacitances of the high side MOSFET.
The powerful output driver of the LTC4446 reduces the
switching losses of the power MOSFET, which increase
with transition time. The LTC4446’s high side driver is
capable of driving a 1nF load with 8ns rise and 5ns fall
times using a bootstrapped supply voltage VBOOST-TS of
12V while its low side driver is capable of driving a 1nF
Power Dissipation
To ensure proper operation and long-term reliability, the
LTC4446 must not operate beyond its maximum tem-
perature rating. Package junction temperature can be
calculated by:
TJ = TA + PD JA)
where:
TJ = Junction temperature
TA = Ambient temperature
PD = Power dissipation
θJA = Junction-to-ambient thermal resistance
Power dissipation consists of standby and switching
power losses:
PD = PDC + PAC + PQG
where:
PDC = Quiescent power loss
PAC = Internal switching loss at input frequency, fIN
PQG = Loss due turning on and off the external MOSFET
with gate charge QG at frequency fIN
load with 6ns rise and 3ns fall times using a supply volt-
age VCC of 12V.
Undervoltage Lockout (UVLO)
The LTC4446 contains an undervoltage lockout detector
that monitors VCC supply. When VCC falls below 6.15V,
the output pins BG and TG are pulled down to GND and
TS, respectively. This turns off both external MOSFETs.
When VCC has adequate supply voltage, normal operation
will resume.
APPLICATIONS INFORMATION
The LTC4446 consumes very little quiescent current. The
DC power loss at VCC = 12V and VBOOST-TS = 12V is only
(350μA)(12V) = 4.2mW.
At a particular switching frequency, the internal power loss
increases due to both AC currents required to charge and
discharge internal node capacitances and cross-conduc-
tion currents in the internal logic gates. The sum of the
quiescent current and internal switching current with no
load are shown in the Typical Performance Characteristics
plot of Switching Supply Current vs Input Frequency.
The gate charge losses are primarily due to the large AC
currents required to charge and discharge the capacitance
of the external MOSFETs during switching. For identical
pure capacitive loads CLOAD on TG and BG at switching
frequency fIN, the load losses would be:
PCLOAD = (CLOAD)(f)[(VBOOST-TS)2 + (VCC)2]
In a typical synchronous buck configuration, VBOOST-TS
is equal to VCC – VD, where VD is the forward voltage
drop across the diode between VCC and BOOST. If this
drop is small relative to VCC, the load losses can be
approximated as:
PCLOAD = 2(CLOAD)(fIN)(VCC)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com