データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC6930 データシート(PDF) 10 Page - Linear Technology

部品番号 LTC6930
部品情報  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 データシート(HTML) 10 Page - Linear Technology

Back Button LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology LTC6930 Datasheet HTML 10Page - Linear Technology LTC6930 Datasheet HTML 11Page - Linear Technology LTC6930 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC6930-X.XX
10
6930fa
APPLICATIONS INFORMATION
Table 1. Frequency Setting and Available Frequencies
÷1
÷2
÷4
÷8
÷16
÷32
÷64
÷128
DIV Pin Settings
[DIVC][DIVB][DIVA]
000
001
010
011
100
101
110
111
LTC6930-4.19
4.194304MHz 2.097152MHz 1.048576MHz
524.288kHz
262.144kHz
131.072kHz
65.536kHz
32.768kHz
LTC6930-5.00
5.000MHz
2.500MHz
1.250MHz
625.0kHz
312.5kHz
156.25kHz
78.125kHz
39.0625kHz
LTC6930-7.37
7.3728MHz
3.6864MHz
1.8432MHz
921.6kHz
460.8kHz
230.4kHz
115.2kHz
57.6kHz
LTC6930-8.00
8.000MHz
4.000MHz
2.000MHz
1000kHz
500.0kHz
250.0kHz
125.0kHz
62.5kHz
LTC6930-8.19
8.192MHz
4.096MHz
2.048MHz
1024kHz
512.0kHz
256.0kHz
128.0kHz
64.0kHz
calculation for drift over 5 years at 30ppm/√kHr is as
follows:
5 years • 365.25 days/year • 24 hours/day = 43,830
hours = 43.830kHr
√43.830kHr = 6.62√kHr
6.62√kHr • 30ppm/√kHr = 0.0198% over 5 years.
Drift calculations assume that the part is in continuous
operation during the entire time period of the calculation.
The movement of ions which results in drift is usually aided
by electric fields in the operating parts, and the typical drift
spec applies while the part is powered up. Conservative
calculations would use a tenth of the drift specification for
time when power is not applied to the part.
Setting the Frequency
The output frequency of the LTC6930 is chosen from the
values in Table 1 and set using the DIV pins, as noted
in the table. Master oscillator frequency is preset in the
factory, and the DIV pins select an internal binary divider
of up to 128.
For example, if the desired oscillator output frequency
is 2.5MHz, finding 2.5MHz in Table 1 shows that the
LTC6930-5.00 should be ordered, having a master oscil-
lator frequency of 5MHz, and a DIV value of [001] should
be used. This would equate to grounding DIVC and DIVB,
while connecting DIVA to the positive supply. Frequencies
other than those shown in Table 1 may be requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com