データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC6930 データシート(PDF) 12 Page - Linear Technology

部品番号 LTC6930
部品情報  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 データシート(HTML) 12 Page - Linear Technology

Back Button LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology LTC6930 Datasheet HTML 10Page - Linear Technology LTC6930 Datasheet HTML 11Page - Linear Technology LTC6930 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC6930-X.XX
12
6930fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0708 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT Oscillator, Resistor Set
Wide Frequency Range
LTC6900
1kHz to 20MHz ThinSOT Oscillator, Resistor Set
Low Power, Wide Frequency Range
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3- or 4-Phase Outputs
LTC6903/LTC6904
1kHz to 68MHz Serial Port Programmable Oscillator
0.1% Frequency Resolution, I2C or SPI Interface
LTC6905
17MHz to 170MHz ThinSOT Oscillator, Resistor Set
High Frequency, 100μsec Startup, 7ps RMS Jitter
LTC6905-XXX
Fixed Frequency ThinSOT Oscillator Family, up to 133MHz
No Trim Components Required
LTC6906
Micropower 10kHz to 1MHz ThinSOT Oscillator, Resistor Set
12μA Supply Current at 100kHz, 0.65% Frequency Accuracy
LTC6907
Micropower 40kHz to 4MHz ThinSOT Oscillator, Resistor Set
36μA Supply Current at 400kHz, 0.65% Frequency Accuracy
LTC6908
Multiphase Oscillator with Spread Spectrum Modulation
2 Outputs Shifted by Either 180° or 90°
5V
0.1μF
18
27
36
45
VOUT1
VIN1
5V
1μF
2k
3.48k
5V
6930 TA02
LTC1569-7
IN+
IN
GND
V
OUT
V+
RX
DIV/CLK
0.1μF
18
27
36
45
VOUT2
VIN2
5V
1μF
2k
3.48k
5V
LTC1569-7
IN+
IN
GND
V
OUT
V+
RX
DIV/CLK
0.1μF
18
27
36
45
0.1μF
LTC6930-8.192
V+
GND
DIVA
DIVB
DIVA
DIVB
DIVC
V+
OUT
GND
DIVC
FREQUENCY (kHz)
1
0
–20
–40
–60
–80
–100
10
100
1000
32kHz
fCUTOFF = 8kHz
128kHz
fOSC
Dual, Matched, Digitally Programmable, Lowpass Filter, 2kHz to 256kHz
Amplitude Response
DIVC, DIVB, DIVA
000
001
010
011
100
101
110
111
fCUTOFF
256kHz
128kHz
64kHz
32kHz
16kHz
8kHz
4kHz
2kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com