データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT8997 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ACT8997
部品情報  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 5Page - Texas Instruments SN74ACT8997 Datasheet HTML 6Page - Texas Instruments SN74ACT8997 Datasheet HTML 7Page - Texas Instruments SN74ACT8997 Datasheet HTML 8Page - Texas Instruments SN74ACT8997 Datasheet HTML 9Page - Texas Instruments SN74ACT8997 Datasheet HTML 10Page - Texas Instruments SN74ACT8997 Datasheet HTML 11Page - Texas Instruments SN74ACT8997 Datasheet HTML 12Page - Texas Instruments SN74ACT8997 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
instruction-register opcode description
The operation of the ’ACT8997 is dependent on the instruction loaded into the IR. Each instruction selects one
of the data registers to be placed between TDI or DTDI and TDO during the Shift-DR TAP state. All the required
instructions of IEEE Standard 1149.1 are implemented in the ’ACT8997.
boundary scan
This instruction implements the required EXTEST and optional INTEST operations of IEEE Standard 1149.1.
The boundary-scan register (which includes the ID-bus register) is placed in the scan path. Data appearing at
input pins included in the boundary-scan register is captured. Data previously loaded into the output pins
included in the boundary-scan register is forced through the outputs.
bypass scan
This instruction implements the required BYPASS operation of IEEE Standard 1149.1. The bypass register is
placed in the scan path and preloads with a logic 0 during Capture-DR.
sample boundary
This instruction implements the required SAMPLE/PRELOAD operation of IEEE Standard 1149.1. The
boundary-scan register is placed in the scan path, and data appearing at the inputs and outputs included in the
boundary-scan register is sampled on the rising edge of TCK in Capture-DR.
count
The counter register begins counting on each DCI transition. The count begins from the value present in the
register before the count instruction was loaded. The counter can be configured by the control register to count
up or down on either the low-to-high or high-to-low transition of DCI. Counting occurs only while in the
Run-Test /Idle TAP state.
control-register scan
The control register is placed in the scan path for a subsequent shift operation. The register is not preloaded
during Capture-DR.
counter-register scan
The counter register is placed in the scan path. During Capture-DR, the current value of the counter is loaded
in the counter register. At Update-DR, the newly shifted value is preloaded to the counter.
counter-register read
The counter register is placed in the scan path. During Capture-DR, the prior preload value of the counter is
loaded into the counter register. At Update-DR, the newly shifted value is preloaded to the counter.
ID-bus-register scan
The ID-bus register (a subset of the boundary-scan register) is placed in the scan path for a subsequent shift
operation. The data appearing on the ID bus is loaded into the ID-bus register on the rising edge of TCK in
Capture-DR.
ID-bus-register read
The ID-bus register is placed in the scan path for a subsequent shift operation. The register is not preloaded
during Capture-DR.
select-register scan
The select register is placed in the scan path for a subsequent shift operation. The register is not preloaded
during Capture-DR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28