| データシートサーチシステム |
|
SN74ACT8997 データシート(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ACT8997 データシート(HTML) 12 Page - Texas Instruments |
|
12 / 28 page ![]() SN54ACT8997, SN74ACT8997 SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS SCAS157D – APRIL 1990 – REVISED DECEMBER 1996 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 6. DCO Function Table DCI INTERNAL SIGNALS† CONTROL-REGISTER BITS‡ DCO IRERR CE BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 X X X X X X X 0 0 X H X X X X X X X 1 0 X Z X X X 0 0 0 X X 1 X H X X X 1 0 0 X X 1 X L X X X 0 0 1 1 X 1 X H X X X 1 0 1 1 X 1 X L X 0 X 0 0 1 0 X 1 X L in Pause-IR§, H otherwise X 1 X 0 0 1 0 X 1 X H X 0 X 1 0 1 0 X 1 X H in Pause-IR§, L otherwise X 1 X 1 0 1 0 X 1 X L X X 0 0 1 0 X X 1 X L X X 0 1 1 0 X X 1 X H X X 1 0 1 0 X X 1 X H X X 1 1 1 0 X X 1 X L L X X 1 1 1 X X 1 0 H L X X 1 1 1 X X 1 1 L L X X 0 1 1 X X 1 0 L L X X 0 1 1 X X 1 1 H H X X 1 1 1 X X 1 0 L H X X 1 1 1 X X 1 1 H H X X 0 1 1 X X 1 0 H H X X 0 1 1 X X 1 1 L † These signals are generated as described elsewhere in this data sheet. ‡ The control register must contain these values after the TAP has passed through its most recent Update-DR state. § DCO becomes active on the falling edge of TCK as the TAP enters the Pause-IR state and becomes inactive on the falling edge of TCK as the TAP enters Exit2-IR. |