データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDL03-05S3P3 データシート(PDF) 1 Page - Power Mate Technology Co., LTD

部品番号 PDL03-05S3P3
部品情報  3 WATTS MAXIMUM OUTPUT POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  P-DUKE [Power Mate Technology Co., LTD]
ホームページ  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-05S3P3 データシート(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL03-05S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-05S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-05S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/08/19
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Capacitor type
Input surge voltage
100mS max
5V input
12V input
24V input
48V input
15VDC
36VDC
50VDC
100VDC
Input reflected ripple
current
5V input
12V input
24V input
48V input
400mAp-p, max.
150mAp-p, max.
380mAp-p, max.
170mAp-p, max.
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
30mS, typ.
30mS, typ.
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or high impedance
Control pin applied current
2 ~ 4mA max(via 1KΩ)
Remote off state input current
Nominal Vin
2.5mA, max.
Application circuit
+Input
-Input
3mA current
Source
Ctrl
1K
Ω
DC-DC ON
+Input
-Input
3mA current
Source
Ctrl
1K
Ω
DC-DC OFF
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +71ºC (without derating)
+71ºC ~ +100ºC (with derating)
Storage temperature range
-55ºC to +105ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 6)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 7)
EN61000-4-4
±
2KV
Perf. Criteria A
Surge (Note 7)
EN61000-4-5
±
1KV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Single
Dual
No load to Full load
5% load to 100% load
No Load to Full Load
± 1%
± 0.5%
± 1%
Cross regulation
(Dual)
Asymmetrical load 25%/100% FL
±5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time
25% load step change
500μS, typ.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Standard
Suffix ”H”
1600VDC, min.
3000VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
Standard
Suffix ”H”
200pF, max.
30pF, max.
Switching frequency
Full load to minimum load
100KHz, min.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Silicon (UL94-V0)
Dimensions
0.86 X 0.36 X 0.44 Inch
(21.8 X 9.1 X 11.2 mm)
Weight
4.8g (0.17oz)
MTBF(Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
4.386 x 10
6 hrs
2.401 x 10
6 hrs
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 700mA
SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
HIGH EFFICIENCY UP TO 85%
2:1 WIDE INPUT VOLTAGE RANGE
SWITCHING FREQUENCY (100KHz, MIN)
NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
LOW RIPPLE & NOISE
UL94-V0 CASE POTTING MATERIALS
INPUT TO OUTPUT ISOLATION UP TO 1.6KVDC
CONTINUOUS SHORT CIRCUIT PROTECTION
EXTERNAL ON/OFF CONTROL
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
3KV ISOLATION
DESCRIPTION
The PDL03 series offer 3 watts of output power from a 0.86 x 0.36 x 0.44 inch package
without derating to 71ºC. The PDL03 series have 2:1 wide input voltage of 4.5-9, 9-18,
18-36 and 36-75VDC and features 1600VDC of isolation, short-circuit protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


同様の部品番号 - PDL03-05S3P3

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
PDL03-05S3P3 RSG-PDL03-05S3P3 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
335Kb / 4P
DC-DC CONVERTER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
445Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
More results

同様の説明 - PDL03-05S3P3

メーカー部品番号データシート部品情報
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
2 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
3 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
1.5 WATTS MAXIMUM OUTPUT POWER
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
LANEUW3 WALL-LANEUW3 Datasheet
300Kb / 5P
3 Watts Maximum Output Power
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com