| データシートサーチシステム |
|
EPA080AV データシート(PDF) 2 Page - Excelics Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
EPA080AV データシート(HTML) 2 Page - Excelics Semiconductor, Inc. |
|
2 / 2 page ![]() EPA080A/EPA080AV DATA SHEET High Efficiency Heterojunction Power FET EPA080A S-PARAMETERS EPA080A 8V, 1/2 Idss FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- (GHz) MAG ANG MAG ANG MAG ANG MAG ANG (GHz) MAG ANG MAG ANG MAG ANG MAG ANG 1.0 0.929 -63.0 13.172 141.6 0.035 56.2 0.478 -36.9 21.0 0.892 151.7 1.076 -6.7 0.060 1.8 0.546 -173.4 2.0 0.885 -102.9 9.639 117.9 0.051 36.9 0.380 -60.7 22.0 0.893 148.0 1.015 -11.2 0.060 1.7 0.566 -176.3 4.0 0.856 -140.4 5.741 91.7 0.058 20.1 0.290 -86.4 24.0 0.895 140.9 0.909 -21.0 0.062 1.6 0.606 176.9 6.0 0.843 -160.5 3.991 74.6 0.059 12.5 0.288 -102.3 26.0 0.905 136.3 0.814 -30.3 0.068 2.1 0.644 167.6 8.0 0.853 -171.0 3.045 61.6 0.059 8.2 0.304 -114.3 28.0 0.924 133.4 0.745 -39.2 0.074 2.6 0.687 158.0 10.0 0.866 -177.6 2.437 50.3 0.056 5.6 0.331 -125.3 30.0 0.928 133.6 0.675 -46.9 0.079 0.1 0.721 149.1 12.0 0.874 176.9 2.011 39.2 0.055 5.0 0.375 -136.0 32.0 0.931 133.2 0.616 -54.2 0.080 -0.5 0.749 141.4 14.0 0.883 171.6 1.698 29.1 0.053 3.6 0.423 -145.0 34.0 0.922 129.9 0.547 -61.2 0.081 -1.4 0.771 135.0 16.0 0.886 166.1 1.457 18.7 0.053 3.4 0.466 -152.1 36.0 0.935 125.9 0.494 -67.2 0.088 -6.5 0.784 129.7 18.0 0.885 160.2 1.287 8.8 0.055 2.3 0.501 -158.3 38.0 0.929 119.1 0.465 -75.0 0.094 -14.2 0.797 122.8 20.0 0.885 152.0 1.166 -2.2 0.059 0.6 0.524 -165.7 40.0 0.913 109.5 0.439 -83.8 0.096 -29.3 0.799 115.9 EPA080AV 8V, 1/2 Idss FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- (GHz) MAG ANG MAG ANG MAG ANG MAG ANG (GHz) MAG ANG MAG ANG MAG ANG MAG ANG 1.0 0.942 -63.5 13.243 142.1 0.027 56.6 0.437 -32.4 21.0 0.903 146.0 1.031 -10.4 0.041 -6.5 0.587 -163.3 2.0 0.902 -104.4 9.769 118.0 0.039 36.7 0.357 -53.6 22.0 0.899 143.1 0.959 -15.5 0.040 -8.1 0.614 -168.3 4.0 0.873 -144.6 5.824 91.0 0.046 18.6 0.283 -76.5 24.0 0.897 135.6 0.815 -26.1 0.040 -7.9 0.672 -176.7 6.0 0.869 -167.2 4.016 73.2 0.046 9.9 0.283 -90.9 26.0 0.900 131.5 0.680 -36.3 0.040 -5.5 0.727 172.9 8.0 0.875 -175.8 3.068 60.2 0.044 5.5 0.288 -104.7 28.0 0.891 123.6 0.571 -45.3 0.039 -8.3 0.782 167.9 10.0 0.878 178.4 2.445 48.1 0.042 1.0 0.318 -120.2 30.0 0.882 116.2 0.475 -54.8 0.038 -8.6 0.818 164.5 12.0 0.885 168.6 1.970 35.5 0.038 -1.9 0.388 -129.0 32.0 0.845 115.4 0.408 -63.3 0.033 -11.4 0.873 156.4 14.0 0.894 162.9 1.624 24.8 0.037 -3.9 0.447 -137.8 34.0 0.906 116.7 0.361 -70.2 0.033 -15.1 0.831 149.0 16.0 0.907 157.7 1.361 14.6 0.036 -4.5 0.509 -144.0 36.0 0.940 118.7 0.336 -75.7 0.035 -20.7 0.855 142.1 18.0 0.908 156.8 1.187 5.7 0.036 -5.9 0.547 -154.3 38.0 0.954 120.1 0.332 -83.5 0.043 -37.4 0.895 134.0 20.0 0.905 150.5 1.056 -4.2 0.037 -7.1 0.586 -160.4 40.0 0.940 117.6 0.314 -90.8 0.050 -59.0 0.905 129.4 Note: The data included 0.7 mils diameter Au bonding wires; 2 gate wires, 15 mils each; 2 drain wires, 20 mils each; 8 source wires, 7 mils each; no source wires for EPA080AV. |