| データシートサーチシステム |
|
SN74ACT3638PCB データシート(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3638PCB データシート(HTML) 15 Page - Texas Instruments |
|
15 / 30 page ![]() SN74ACT3638 512 × 32 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS228D – JUNE 1992 – REVISED APRIL 1998 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 th(D) tw(CLKL) tc tsu(EN) CLKA ORB W1 A0 – A31 MBA ENA CSA W/RA IRA CLKB CSB W/RB MBB ENB W1 B0 – B31 tc th(EN) tsu(EN) th(EN) tpd(C-OR) tpd(C-OR) Old Data in FIFO1 Output Register Old Data in FIFO1 Output Register ta 12 3 Low High tw(CLKL) tw(CLKH) th(EN) tsu(EN) tsu(D) tsk1† Low High Low RDYB tpd(C-R) tpd(C-R) tw(CLKH) High † tsk1 is the minimum time between a rising CLKA edge and a rising CLKB edge for ORB to transition high and to clock the next word to the FIFO1 output register in three CLKB cycles. If the time between the rising CLKA edge and rising CLKB edge is less than tsk1, then the transition of ORB high and load of the first word to the output register may occur one CLKB cycle later than shown. Figure 7. ORB-Flag Timing and First Data-Word Fall-Through When FIFO1 Is Empty |